Part Number Hot Search : 
RS7809AE OPS002 N5401 LEADFREE PMV20XN F6654 ATR062 FLZ12V
Product Description
Full Text Search
 

To Download XLUBK11D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
XLUBK11D
T-1 (3mm) SOLID STATE LAMP
Features
LOW POWER CONSUMPTION. SOLID STATE BLUE LIGHT SOURCE. SUITABLE FOR FULL COLOR LED DISPLAYS AND INDICATORS DIAGNOSTIC/ANALYTICAL EQUIPMENT.
ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. Absolute maximum ratings (TA=25C) ) Reverse voltage Forward current Forward current (peak) 1/10Duty cycle 0.1ms pulse width Power dissipation Operating temperature Storage temperature Lead solder temperature [2mm below package base] VR IF iFS PT TA Tstg UBK (GaN) 5 30 150 105 -40 ~ +85 -40 ~ +85 Operating Characteristics (TA=25C) ) Forward voltage (typ.) (IF=20mA) Forward voltage (max.) (IF=20mA) Reverse current (VR=5V) Wavelength at peak emission (IF=20mA) Wavelength at Dominate emission (IF=20mA) Spectral Line halfwidth (IF=20mA) Capacitance (VF=0V, f=1MHz) VF VF IR UBK (GaN) 4.0 5.2 10
Unit V mA mA mW C
Unit V V uA
peak
430
nm
260C For 5 Seconds
D
466
nm
C
60
nm
100
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 23
Wavelength nm P
Viewing Angle 2 1/2
XLUBK11D
Blue
GaN
Blue Diffused
7
430
30
Published Date : AUG 25,2003
Drawing No : XDSA2048
V2
Checked : B.L.LIU
P.1/2
Part Number:
www.SunLED.com
XLUBK11D
T-1 (3mm) SOLID STATE LAMP
UBK
Published Date : AUG 25,2003
Drawing No : XDSA2048
V2
Checked : B.L.LIU
P.2/2


▲Up To Search▲   

 
Price & Availability of XLUBK11D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X